Part Number Hot Search : 
B7749 S1200 ST2001H 2EMS8 RF201 F3048 2N36342 F9Z34
Product Description
Full Text Search
 

To Download DTC114ECA08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bl galaxy electrical production specification digital transistor dtc(r 1 =r 2 series)ca document number: bl/ssdtc130 www.galaxycn.com rev.a 1 features z epitaxial planar die construction. z complementary pnp types available(dta). z built-in biasing resistors,r 1 =r 2 z also available in lead free version. applications z the npn style digital transistor. sot-23 ordering information type no. marking package code dtc114eca 24 sot-23 dtc143eca 23 sot-23 dtc124eca 25 sot-23 dtc144eca 26 sot-23 maximum rating @ ta=25 unless otherwise specified symbol parameter value units v cc supply voltage 50 v v in input voltage dtc114eca dtc124eca dtc143eca dtc144eca -10 to+40 -10 to+40 -10 to+30 -10 to+40 v i o output current dtc114eca dtc124eca dtc143eca dtc144eca 50 30 100 100 ma i c (max.) output current all 100 ma p d power dissipation 200 mw r ja thermal resistance, junction to ambient air 625 /w t j ,t stg operating and storage and temperature range -55 to +150 pb lead-free
bl galaxy electrical production specification digital transistor dtc(r 1 =r 2 series)ca document number: bl/ssdtc130 www.galaxycn.com rev.a 2 electrical characteristics @ ta=25 unless otherwise specified parameter symbol test conditions min typ max unit input voltage v i(off) v cc =5v,i o =100 a 0.5 1.1 - input voltage dtc143eca dtc114eca dtc144eca dtc124eca v i(on) v o =0.3v,i o =20ma v o =0.3v,i o =10ma v o =0.3v,i o =2ma v o =0.3v,i o =5ma - 1.9 3 v output voltage dtc143eca dtc114eca dtc144eca dtc124eca v o(on) i o /i i =10ma/0.5ma, - 0.1 0.3 v input current dtc143eca dtc114eca dtc144eca dtc124eca i i v i =5v - - 1.8 0.88 0.18 0.36 ma output current i o(off) v cc =50v,v i =0v - - 0.5 a dc current gain dtc143eca dtc114eca dtc144eca dtc124eca g i v o =5v,i o =10ma v o =5v,i o =5ma v o =5v,i o =5ma v o =5v,i o =5ma 20 20 68 56 - - input resistor dtc143eca dtc114eca dtc144eca dtc124eca r 1 (r 2 ) 4.7 10 47 22 k ? input resistor (r 1 ) tolerance r 1 - -30 +30 % resistance ratio r 2 /r 1 - 0.8 1 1.2 gain-bandwidth product f t v ce =10v,i e =5ma, f=100mhz - 250 - mhz typical characteristics @ ta=25 unless otherwise specified
bl galaxy electrical production specification digital transistor dtc(r 1 =r 2 series)ca document number: bl/ssdtc130 www.galaxycn.com rev.a 3
bl galaxy electrical production specification digital transistor dtc(r 1 =r 2 series)ca document number: bl/ssdtc130 www.galaxycn.com rev.a 4 package outline plastic surface mounted package sot-23 soldering footprint unit : mm package information sot-23 dim min max a 2.85 2.95 b 1.25 1.35 c 1.0typical d 0.37 0.43 e 0.35 0.48 g 1.85 1.95 h 0.02 0.1 j 0.1typical k 2.35 2.45 all dimensions in mm device package shipping dtc114eca/124eca/143eca/144eca sot-23 3000/tape&reel


▲Up To Search▲   

 
Price & Availability of DTC114ECA08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X